|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR 2445 Bandpass Filter General Description KR 2445 is a surface mount bandpass filter. Other passband frequencies are available. Please consult the factory. KR Electronics, Inc. www.krfilters.com Features * Surface Mount Package * 50 Source and Load Typical Performance Passband Amplitude & Group Delay (0.5 dB/div and 20 nsec/div) 24 Sep 2002 14:18:24 CH1 CH2 MEM S21 LOG DEL .5 dB/ 20 ns/ REF 0 dB REF 180 ns CH1 S21 LOG 10 dB/ Overall Response (10 dB/div) 24 Sep 2002 14:13:57 REF 0 dB Cor Cor Smo Cor START 14 . 890 000 MHz STOP 20 . 890 000 MHz START 1 . 000 000 MHz STOP 100 . 000 000 MHz Figure 1 Figure 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. KR 2445 Bandpass Specifications Parameter Filter type Center Frequency Min 3 dB Bandwidth Source & Load Specification Bandpass 17.89 MHz 6 MHz 50 www.krfilters.com Physical Dimensions KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 |
Price & Availability of 2445 |